Part Number Hot Search : 
X912CPE HCF4010 ON1551 AD752002 ON1551 MC3448A GV7704 TL431
Product Description
Full Text Search
 

To Download WJ108F1A103VDC45 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CIT RELAYTM
FEATURES: * UL F class rated standard * Small size and light weight * PC board mounting * UL/CUL certified
WJ108F
E197851
19.5 x 16.2 x 16.5 mm
CONTACT DATA
Contact Arrangement Contact Rating Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 5A, 10A, 12A @ 125VAC, 28VDC 10A @ 250VAC 6A @ 277VAC < 50 milliohms initial AgCdO, AgSnO2 336W 380VAC, 110VDC 12A
COIL DATA
Coil Voltage VDC Coil Resistance 10% Pick Up Voltage VDC (max) 75% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms
Rated
Max.
3 5 6 9 12 18 24 48
3.9 6.5 7.8 11.7 15.6 23.4 31.2 62.4
.36W 25 69 100 225 400 900 1600 6400
.45W 20 56 80 180 320 720 1280 5120
2.25 3.75 4.50 6.75 9.00 13.5 18.00 36.00
0.3 0.5 0.6 0.9 1.2 1.8 2.4 4.8
.36 .45
10
5
CAUTION: 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. 2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min @ 500VDC 1500V rms min. @ sea level 750V rms min. @ sea level 100m/s2 for 11ms 1.50mm double amplitude 10-40Hz 5N -40 C to + 85 C -40 C to + 155 C 230 C 2 C for 10 0.5s 10.5g
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
CIT RELAYTM
ORDERING INFORMATION
1. Series: WJ108F 2.Contact Arrangement: 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 3. Sealing Options: S = Sealed 4. Contact Rating: 5 = 5A 6 = 6A 10 = 10A 12 = 12A 5. Coil Voltage: 3VDC 5VDC 6VDC 9VDC 12VDC 18VDC 24VDC 48VDC 6. Coil Power: .36 = .36W .45 = .45W 7. Contact Material: Blank = AgCdO Z = AgSnO2
WJ108F
WJ108F 1A S 5 12VDC .36W
DIMENSIONS (Units = mm)
PBC Layout
Schematic
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562


▲Up To Search▲   

 
Price & Availability of WJ108F1A103VDC45

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X